Part Number Hot Search : 
LVC163 BAS40 A5930 BAS40 E0102AB AUIR3313 41000 472M0
Product Description
Full Text Search
 

To Download E528SN-100060 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  molded coils t????? type mc122 8max. 8max. 10.2max. 3.3 3.3 1 0.5 max. 4.5  0.5 (unit: mm) #e528snas-100072 1.5 white ( 0.03 60 100 78.5 3% yes #e528snas-100073 2.5 red
z 0.05 80 100 48.5 4% yes #e528snas-100074 3.5 orange  0.08 90 100 32.5 6% yes #e528snas-100075 4.5 yellow + 0.10 90 100 23.5 6% yes #e528snas-100076 5.5 green ? 0.15 90 100 17.0 6% yes 7.5max. 7.5max. 10max. 3.3  0.5 0.7 max. 4.5 type mc122 close wound frequency range: 30mhz~250mhz (1) inductance range: 0.03~0.45h temperature coefficient: 150ppm/c, max. (unit: mm) features ? terminal locations are same as 7p type. ? adjustment is possible from either end. ? available also with shield case. ? rohs compliant. ?yy ? ? 1uzqfsrq ????to?;pv? ? < e
tud ? 3???-?  ? ??d ? 3p)4|? 0 type mc122 f? ? j 
: 
??? ?????? 
2  * t
: ? e0? c? 
3???-? toko part number winding (2) color code inductance l (3) (h) q min. test frequency (mhz) tuning capacitance (4) range (pf) shield case #e528dnas-100077 3.5 orange  0.08 70 57 100 6% yes #e528dnas-100078 4.5 yellow + 0.10 70 57 76.5 6% yes #e528dnas-100079 5.5 green ? 0.13 70 57 59.0 6% yes #e528dnas-100080 6.5 blue
h 0.16 70 57 49.0 6% yes #e528dnas-100081 7.5 violet  0.20 70 57 38.5 6% yes #e528dnas-100082 8.5 white ( 0.23 60 45 55.5 8% yes #e528dnas-100083 9.5 red
z 0.25 60 45 50.0 8% yes #e528dnas-100084 10.5 orange  0.29 60 45 43.5 6% yes #e528sn-100059 1.5 white ( 0.03 90 100 72.0 3% no #E528SN-100060 2.5 red
z 0.06 110 100 42.0 6% no #e528sn-100061 3.5 orange  0.10 120 100 26.5 8% no #e528sn-100062 4.5 yellow + 0.14 120 100 18.5 8% no #e528sn-100063 5.5 green ? 0.20 110 100 13.0 8% no #e528dn-100064 3.5 orange  0.09 100 57 85.0 8% no #e528dn-100065 4.5 yellow + 0.13 100 57 60.0 8% no #e528dn-100066 5.5 green ? 0.17 100 57 44.0 8% no #e528dn-100067 6.5 blue
h 0.21 100 57 36.5 8% no #e528dn-100068 7.5 violet  0.29 90 57 27.0 6% no #e528dn-100069 8.5 white ( 0.31 80 45 39.5 6% no #e528dn-100070 9.5 red
z 0.38 80 45 33.0 6% no #e528dn-100071 10.5 orange  0.45 70 45 28.0 5% no selection guide for standard coils (1) alternate use of an aluminum core with listed items will increase the usable frequency range of any specific coil form. however, inductance is reduced. these cores may also be substituted for ferrite as a means of lowering q. (2) max. freq. e528dn...80mhz. e528sn...120mhz. (3) inductance values for reference only. (4) minimum inductance core position (7 1 / 2 t to 10 1 / 2 t) 2 turns off from top of bobbin or metal can. 
 ?????? e 8q`o?;b?yz?;d * t
: c?x
?c`?buz ??????xn ?`?b{2?<[?  ?q`o\??w??????w e??t?;b?\q?d pb{ 
7 g * t
: &%/.)[z&4/.)[ 
?????? ?xz?? ?pb{ 
? ?7 ???????? ?     5t?    5
xz3???-??hx??? w7 ?t????m?hq\?pb{


▲Up To Search▲   

 
Price & Availability of E528SN-100060

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X